Part Number Hot Search : 
00B0L MSD61A4 58010 LT0412 0213630 C28C200 A1770 CM2135
Product Description
Full Text Search
 

To Download 319HT134XM08P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Composite Backshells
CONNECTOR DESIGNATOR:
with Shrink Boot Porch and Self Locking Rotatable Coupling
Finish Symbol (See Table III) Product Series 319 - EMI/RFI Shield Sock Assemblies Angle and Profile S - Straight T - 45 Elbow W - 90 Elbow Connector Dash Number (See Table II) Optional Braid Material Omit for Standard (See Table IV) Custom Braid Length Specify In Inches (Omit for Std. 12" Length) Shrink Boot For S and B Angle Only (Omit for None)
319-134 Composite EMI/RFI Ultra Low-Profile Shield Sock
A
F H
MIL-DTL-38999 Series I, II MIL-DTL-38999 Series III and IV
SELF-LOCKING
ROTATABLE COUPLING
319
H
W
134
Basic Part Number
XO
16
P
B
R-S
14
B
STANDARD PROFILE
Connector Designator F and H
Drain Hole Option (Omit "P" if Not Required)
Anti-Decoupling Device .962 Max
Shrink Sleeve or Boot Groove 12.00 Min Standard Shield Length. See Part Number Development for Optional Length E
Split Ring / Band Option Split Ring (687-749) and Band (600-057-1) supplied with R option (Omit for none)
C
Optional O .125 Drain Holes 3 Minimum, Equally Spaced G Standard Shield IAW 107-030 Nickel/Copper See Table III for Optional Material Optional O .125 Drain Holes 3 Minimum, Equally Spaced Raised Configuration Manufacturers Option
F
D
Shrink Sleeve or Boot Lip
.065 .025 .07
H
E
K 600-057-1 Band
F
J Accomodates 600-057-1 Micro Band
G
(c) 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com A-16
with Shrink Boot Porch and Self Locking Rotatable Coupling
TABLE II: SHELL SIZE
Shell Size F 08 10 12 14 16 18 20 22 24 H 09 11 13 15 17 19 21 23 25 E .06 .72 (18.3) .75 (19.1) .75 (19.1) .76 (19.3) .78 (19.8) .79 (20.1) .82 (20.8) .86 (21.8) .89 (22.6) F .09 .87 (22.1) .93 (23.6) 1.00 (25.4) 1.03 (26.2) 1.05 (26.7) 1.06 (26.9) 1.09 (27.7) 1.13 (28.7) 1.16 (29.5) G Max .63 (16.0) .66 (16.8) .72 (18.3) .83 (21.1) .91 (23.1) .93 (23.6) 1.04 (26.4) 1.12 (28.4) 1.18 (30.0) H .03 1.042 (26.5) 1.107 (28.1) 1.174 (29.8) 1.241 (31.5) 1.305 (33.1) 1.371 (34.8) J .304 (7.7) .432 (11.0) .546 (13.9) .670 (17.0) .796 (20.2) .902 (22.9) K .160 (4.1) .174 (4.4) .195 (5.0) .315 (8.0) .385 (9.8) .445 (11.3) .525 (13.3) .595 (15.1) .655 (16.6)
319-134 Composite EMI/RFI Ultra Low-Profile Shield Sock
1.438 (36.5) 1.027 (26.1) 1.505 (38.2) 1.152 (29.3) 1.572 (39.9) 1.276 (32.4)
TABLE III: FINISH
Symbol XM XMT Finish Description 2000 Hour Corrosion Resistant Electroless Nickel 2000 Hour Corrosion Resistant Ni-PTFE, NickelFluorocarbon Polymer. 1000 Hour GreyTM 2000 Hour Corrosion Resistant Cadmium Olive Drab Over Electroless Nickel
XW
TABLE IV: BRAID TYPE
Symbol A B L Standard T Braid Type 100% AmberStrand(R) 75%/25% AmberStrand(R) Blend 100% ArmorLiteTM Nickel/Copper 34awg Tin/Copper 34awg
NOTES
1. 2. 3. 770-001S**-0 shrink boot supplied with T option. See shrink boot product page for more details. Coupling nut supplied unplated. See Table I in Intro for front end dimensional details.
(c) 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com A-17
Composite Backshells
A
B
C
D
E
F
G


▲Up To Search▲   

 
Price & Availability of 319HT134XM08P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X